Part Number Hot Search : 
MB111 85N10 473J100 S3330 BC847C EPC1007P MK45H02N 1H101
Product Description
Full Text Search
 

To Download 1N5388B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1N5333B THRU 1N5388B
5W SILICON ZENER DIODE
VZ : 3.3 - 200 Volts PD : 5 Watts
FEATURES :
* Complete Voltage Range 3.3 to 200 Volts * High peak reverse power dissipation * High reliability * Low leakage current
0.142 (3.6) 0.102 (2.6)
DO-15
1.00 (25.4) MIN.
0.300 (7.6) 0.230 (5.8)
MECHANICAL DATA :
0.034 (0.86) 0.028 (0.71)
1.00 (25.4) MIN.
* Case : DO-15 Molded plastic * Epoxy : UL94V-O rate flame retardant * Lead : Axial lead solderable per MIL-STD-202, Method 208 guaranteed * Polarity : Color band denotes cathode end * Mounting position : Any * Weight : 0.4 gram
Dimensions in inches and ( millimeters )
MAXIMUM RATINGS
Rating at 25 C ambient temperature unless otherwise specified
Rating
DC Power Dissipation at T L = 75 C (Note1) Maximum Forward Voltage at IF = 1 A Junction Temperature Range Storage Temperature Range
Note : (1) TL = Lead temperature at 3/8 " (9.5mm) from body
Symbol
PD VF TJ Ts
Value
5.0 1.2 - 65 to + 200 - 65 to + 200
Unit
W V C C
Fig. 1 POWER TEMPERATURE DERATING CURVE 5 PD, MAXIMUM DISSIPATION (WATTS) 4 3 2 1 0
L = 3/8" (9.5mm)
0
25
50
75
100
125
150
175
200
TL, LEAD TEMPERATURE (C)
1N5333B THRU 1N5388B
5W SILICON ZENER DIODE
ELECTRICAL CHARACTERISTICS (Rating at 25 C ambient temperature unless otherwise specified)
Nominal Zener Voltage VZ @ IZT (V) IZT (mA) ZZT @ IZT () Maximum Zener Impedance ZZK @ IZK () IZK (mA) 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 Maximum Reverse Leakage Current IR @ V R (A) 300 150 50 10 5.0 1.0 1.0 1.0 1.0 10 10 10 10 7.5 5.0 5.0 2.0 1.0 1.0 1.0 1.0 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 (V) 1.0 1.0 1.0 1.0 1.0 1.0 2.0 3.0 3.0 5.2 5.7 6.2 6.6 6.9 7.6 8.4 9.1 9.9 10.6 11.5 12.2 12.9 13.7 14.4 15.2 16.7 18.2 19.0 20.6 21.2 22.8 25.1 27.4 29.7 32.7 35.8 38.8 42.6 45.5 47.1 51.7 56.0 62.2 66.0 69.2 76.0 83.6 91.2 98.8 106 114 122 129 137 144 152 Maximum DC IZM (mA) 1440 1320 1220 1100 1010 930 856 790 765 700 630 580 545 520 475 430 395 365 340 315 295 280 265 250 237 216 198 190 176 170 158 144 132 122 110 100 93.0 86.0 79.0 76.0 70.0 63.0 58.0 54.5 52.5 47.5 43.0 39.5 36.6 34.0 31.6 29.4 28.0 26.4 25.0 23.6
Type No.
Zener Current
1N5333B 3.3 380 3.0 400 1N5334B 3.6 350 2.5 500 1N5335B 3.9 320 2.0 500 1N5336B 4.3 290 2.0 500 1N5337B 4.7 260 2.0 450 1N5338B 5.1 240 1.5 400 1N5339B 5.6 220 1.0 400 1N5340B 6.0 200 1.0 300 1N5341B 6.2 200 1.0 200 1N5342B 6.8 175 1.0 200 1N5343B 7.5 175 1.5 200 1N5344B 8.2 150 1.5 200 1N5345B 8.7 150 2.0 200 1N5346B 9.1 150 2.0 150 1N5347B 10 125 2.0 125 1N5348B 11 125 2.5 125 1N5349B 12 100 2.5 125 1N5350B 13 100 2.5 100 1N5351B 14 100 2.5 75 1N5352B 15 75 2.5 75 1N5353B 16 75 2.5 75 1N5354B 17 70 2.5 75 1N5355B 18 65 2.5 75 1N5356B 19 65 3.0 75 1N5357B 20 65 3.0 75 1N5358B 22 50 3.5 75 1N5359B 24 50 3.5 100 1N5360B 25 50 4.0 110 1N5361B 27 50 5.0 120 1N5362B 28 50 6.0 130 1N5363B 30 40 8.0 140 1N5364B 33 40 10 150 1N5365B 36 30 11 160 1N5366B 39 30 14 170 1N5367B 43 30 20 190 1N5368B 47 25 25 210 1N5369B 51 25 27 230 1N5370B 56 20 35 280 1N5371B 60 20 40 350 1N5372B 62 20 42 400 1N5373B 68 20 44 500 1N5374B 75 20 45 620 1N5375B 82 15 65 720 1N5376B 87 15 75 760 1N5377B 91 15 75 760 1N5378B 100 12 90 800 1N5379B 110 12 125 1000 1N5380B 120 10 170 1150 1N5381B 130 10 190 1250 140 8.0 230 1500 1N5382B 1N5383B 150 8.0 330 1500 1N5384B 160 8.0 350 1650 1N5385B 170 8.0 380 1750 1N5386B 180 5.0 430 1750 1N5387B 190 5.0 450 1850 1N5388B 200 5.0 480 1850 Note : (1) Suffix " B " indicates 5% tolerance, suffix " A " indicates 10% tolerance.
1N5333B THRU 1N5388B
RATINGS AND CHARACTERISTIC CURVES
Fig 2. Typical Thermal Response L, Lead Length = 3/8 Inch JL(t,D),Transient Thermal Resistance Junction-To-Lead (C/W)
20 10 5 2 1 0.5
D=0 0.2 0.001
D=0.5
D=0.2 D=0.1 D=0.05 D=0.01 NOTE:BELOW 0.1 SECOND, THERMAL RESPONSE CURVE IS APPLICABLE TO ANY LEAD LENGTH (L) DUTY CYCLE , D = t1/t2 SINGLE PULSE TJL =JL(t)PPK REPETITIVE PULSE TJL =JL(t,D)PPK
PPK
t1 t2
0.005 0.01
0.05
0.1
0.5
1
5
10
50
100
t,TIME (SECONDS)
Fig.3 Maximum Non-Repetitive Surg Current versus Nominal Zener Voltage
Ir, PEAK SURGE CURRENT (AMPS) 20 10 4 2 1 0.4 0.2 0.1
*SQURE WAVE PW=100 ms* PW=1000 ms* PW=1 ms* PW=8.3 ms*
Fig. 4 Peak Surg Current versus Pulse Width
Ir, PEAK SURGE CURRENT (AMPS) 30 20 10 5 2 1 0.5 0.2 0.1 1 10 100 1000
Vz = 200 V
40
Vz = 3.3 V
3
4
6 8 10
20
30 40
80
100
200
NORMINAL Vz (V)
PW, PULSE WIDTH (ms)


▲Up To Search▲   

 
Price & Availability of 1N5388B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X